| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE04 bảng dữ liệu(PDF) 288 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE04 bảng dữ liệu(HTML) 288 Page - Tyco Electronics |
|
288 / 326 page ![]() Index/Matrixes M3 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 M Soldering Process Recommendation Guide SURFACE MOUNT SWITCH SERIES SOLDERING TYPE PROCESS CLEANING PROCESSES Convection Vapor Solvent Vapor Solvent Aqueous Wave Hand Dip* I.R. Phase Wash Degrease Immerse Clean AP, AT, AS SERIES XX X X X ALE, ATLE, ATE, APBE X X X X X X X ASE & F X X X X X X X X X COMMAND SERIES, PC XX COMMAND SERIES, LUGS X CST/CSS SERIES X X X X X X X DIP ROT.: DR, RR & RA/C X X X X X DIP ROT: DRDE SERIES X X X X X X X DIPS: AD, AR, AA/C, ATT X X X X X X X X X DIPS: GD X X X X X X X X DIPS: DTS WITH TAPE X X X X X X X DIPS: DTS, DYS W/O TAPE X X X DIPS: S SERIES SIPS X X X X X X X X X DIPS: DPU WITHOUT TAPE X X FSM SERIES (Unsealed) X X FSM SERIES (Sealed) X X X X X X FSM SMT TYPE (Unsealed) X FSM SMT TYPE (Sealed) X X X X X X GEMINI: A SERIES XX X X GEMINI: AE SERIES X X X X X X X GREEN SERIES: ALL MT VERSIONS X X X X GREEN SERIES: ALL MT VERSIONS PC X X X X GREEN SERIES: MPA-6, MPG, MPN, MPE X X X X GREEN SERIES: MTE X X X X MHS SERIES X X X X X X X MLL SERIES X X X X X X X MMS SERIES X X X X MPA-6 SERIES XX X MPB SERIES X X X X MPN SERIES X X X X MPS SERIES X X X X MRD SERIES X X X X X X X X MRJ SERIES X X X X MRJE/MRJB SERIES X X X X X X X |