| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE03S bảng dữ liệu(PDF) 185 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03S bảng dữ liệu(HTML) 185 Page - Tyco Electronics |
|
185 / 326 page ![]() F10 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Gemini Series Rocker/Paddle Switches Rocker/Paddle Switches, A Series, Options J5 J4 J15 Snap-In J16 .093 (2.36) .187 (4.75) .138 (3.50) .093 (2.36) .187 (4.75) .138 (3.50) 1.049 (26.65) 1.174 (29.82) .648 (16.46) 1.375 (34.92) .125 (3.50) 1.095 (27.81) .005 R. (.127) 1.625 (41.27) .595 (15.11) .505 (12.83) 1.375 (34.92) .024 (0.61) .024 (0.61) PANEL OPENING J4 LARGE J5 LARGE J62 Snap-in with beveled frame/LED Accepts BL-17 or equivalent LED L.E.D. not supplied .615 (15.62) 1.100 (27.94) .450 (11.43) A .500 (12.70 .198 (5.03) LED snaps securely into frame. Height depends on LED used. .520 (13.21) .343 (8.71) DIA. .005 (.127) MAX. TYP. .005 (1.27) MAX. TYP. .500 (12.70) .090 (2.29) .456 (11.58) .280 (7.11) PANEL THICKNESS .047 TO .125 (1.19) (3.18) .093 (2.36) A .615 (15.62 .765 (19.43) .450 (11.43 J61 Snap-in with beveled frame .531 (13.49) .017 (4.32) .295 (7.49) A .500 (12.70) .005 (.127)R. MAX. TYP. PANEL THICKNESS .062-.125 (1.57-3.18) .475 (12.07) .715 (18.16) .500 (12.70) .450 (11.43) .093 (2.36) J60 Snap-in .190 (4.83) .017 (.432) .342 (8.69) .490 (12.45) .910 (23.11) .705 (17.91) .365 (9.27) .615 (15.62) .986 (25.04) .365 (9.27) .100 (2.54) .090 (2.29) .327 (8.31) PANEL THICKNESS .047-.125 (1.19-3.18) PANEL THICKNESS .047-.125 (1.19-3.18) .500 (12.7) .890 (20.32) .005 R, (.127) J15 J16 PANEL OPENING Panel Opening Panel Thickness .062 .093 .125 "A" .600-.605 .610-.615 .620-.625 Panel Opening Panel Thickness .062 .093 .125 "A" .600-.605 .610-.615 .620-.625 Panel Opening Panel Thickness .062 .093 .125 "A" .600-.605 .610-.615 .620-.625 Mounting Type Standard with C or Z Terminal Type. Snap-in with beveled frame .531 (13.49) .017 (4.32) .295 (7.49) A .500 (12.70) .005 (.127)R. MAX. TYP. PANEL THICKNESS .062-.125 (1.57-3.18) .475 (12.07) .715 (18.16) .500 (12.70) .450 (11.43) .093 (2.36) .005 (1.27) MAX. TYP. .500 (12.70) .090 (2.29) .456 (11.58) .280 (7.11) PANEL THICKNESS .047 TO .125 (1.19) (3.18) .093 (2.36) A .615 (15.62 .765 (19.43) .450 (11.43 .615 (15.62) 1.100 (27.94) .450 (11.43) .090 (2.29) .280 (7.11) A .500 (12.70 PANEL THICKNESS .047-.125 (1.19-3.18) .198 (5.03) .280 (7.11) .520 (13.21) ALCO MARKING THIS SIDE LED snaps securely into frame. Height depends on LED used. .520 (13.21) .343 (8.71) DIA. .005 (.127) MAX. TYP. .093 (2.36) .456 (11.58) |