| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE03S bảng dữ liệu(PDF) 137 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03S bảng dữ liệu(HTML) 137 Page - Tyco Electronics |
|
137 / 326 page ![]() D13 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 D TP-ES Series Pushbutton Switches, Tiny, Process Sealed, Straight ® SPST/SPDT Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPB11CGPCES(*) SPST C N.O. Momentary .188 Gold TPB11FGPCES(*) SPDT F Momentary .188 Gold TPC11CGPCES(*) SPST C N.O. Momentary 10-48 Gold TPC11FGPCES(*) SPDT F Momentary 10-48 Gold (*) Specify buttong color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "C" action switch. .186 (4,72) DIA. .172 (4.37) TO FLAT .137 (3.48) .100 (2.54) DIA. .100 (2.54) DIA. .020 (0.51) TYP. .172 (4.37) TO FLAT .137 (3.48) .190 (4.83) .380 (9.65) .120 (3.05) .100 (2.54) TYP. .020 (0.51 TYP.) .100 (2.54) DIA. 10-48 UNS-2A .120 (3.05) .190 (4.83) 3.80 (9.65) .100 (2.54) TYP. .043 (1.09) DIA. TYP. .340 (8.64) .390 (9.91) .030 (0.76) TYP. 1 2 3 TPB11CGPCES TPC11CGPCES Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPB21MGPCES(*) DPST M N.O. Momentary .188 Gold TPB21RGPCES(*) DPDT R Momentary .188 Gold TPC21MGPCES(*) DPST M N.O. Momentary 10-48 Gold TPC21RGPCES(*) DPDT R Momentary 10-48 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "M" action switch. .186 (4.72) DIA. .172 (4.37) TO FLAT .020 (0.51) TYP. .100 (2.54) DIA. .137 (3.48) .186 (4.72) 3.80 (9.65) .120 (3.05) .100 (2.54) TYP. .172 (4.37) TO FLAT .137 (3.48) .100 (2.54) DIA. .186 (4.72) .380 (9.65) .120 (3.05) .020 (0.51) TYP. 10-48 UNS-2A .200 (5.08) .100 (2.54) TYP. .043 (1.09) DIA.-TYP. .480 (12.2) .410 (10.41) .200 (5.08) .030 (0.76) TYP. 1 2 3 4 5 6 DPST/DPDT TPB21RGPCES Model Type Act. Code P. M6 Action Bushing Dia. Contact Type TPD11CGPCES(*) SPST C N.O. Momentary .250 Gold TPD11FGPCES(*) SPDT D Momentary .250 Gold TPF11CGPCES(*) SPST C N.O. Momentary .250 Gold TPF11FGPCES(*) SPDT F Momentary .250 Gold (*) Specify button color by adding suffix number: (0) Black, (2) Red. Note: No center terminal on "C" action switch. SPST/SPDT TPD11CGPCES TPF11CGPCES .245 (6.22) DIA. .226 (5.74) TO FLAT .160 (4.06) .281 (7.14) .132 (3.35) DIA. .020 (0.51) TYP. .226 (5.74) TO FLAT .160 (4.06) .132 (3.35) DIA. .281 (7.14) .380 (9.65) .120 (3.05) .340 (8.64) .030 (0.76) .410 (10.41) .100 (2.54) TYP. .020 (0.51) TYP. 1/4-40 UNS-2A .020 Dp. X .040 W. (0.51) Dp. X (1.02) W.) KEYWAY .120 (3.05) .380 (9.65) .100 (2.54) .043 (1.09) DIA. TYP. 3 2 1 SEE PAGE D6 FOR PRODUCT SPECIFICATIONS TPB SERIES TPC SERIES TPB SERIES TPC SERIES TPD SERIES TPF SERIES * Refer to Page D6 for Additional Options * |