| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE02SA bảng dữ liệu(PDF) 184 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02SA bảng dữ liệu(HTML) 184 Page - Tyco Electronics |
|
184 / 326 page ![]() F9 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Gemini Series Rocker/Paddle Switches Rocker/Paddle Switches, A Series, Options Accepts BL-17 or equivalent LED PADDLE .275 (6.99) 1.156 (29.36) .024 (.610) .365 (9.27) .418 (10.62) .937 (23.80) .937 (23.80) .094 (2.39) DIA. .707 (17.96) .156 (3.96) .084 (2.13) .138 (3.51) .740 (18.80) .332 R. (8.43) .615 (15.62) .765 (19.43) .450 (11.43) .128 (3.25) .090 (2.29) .280 (7.11) A .500 (12.70) .005 (.127) R. MAX. TYP. PANEL THICKNESS .047-.125 (1.19-3.18) Panel Opening Panel Thickness .062 .093 .125 "A" .600-.605 .610-.615 .620-.625 Panel Opening Panel Thickness .062 .093 .125 "A" .600-.605 .610-.615 .620-.625 ROCKER Snap-in Snap-in with beveled frame Snap-in with beveled frame/L.E.D. Mounting Type Standard with C or Z Terminal Type. L.E.D. Not supplied. Small .475 (12.07) .715 (18.16) .500 (12.70) .450 (11.43) .203 (5.16) .017 (.043) .295 (7.49) PANEL THICKNESS A .500 (12.70) .005 (.127) R. MAX. TYP. .062-.125 (1.58-3.18) .615 (15.62) 1.100 (27.94) .450 (11.43) .128 (3.25) .090 (2.29) .280 (7.11) A .500 (12.70) PANEL THICKNESS .047-.125 (1.19-3.18) .198 (5.03) .280 (7.11) .520 (13.21) ALCO Marking This Side LED snaps securely into frame. Height depends on LED used. .520 (13.21) .343 (8.71) DIA. .005 (0.13) MAX. Panel Opening Panel Thickness .062 .093 .125 "A" .600-.605 .610-.615 .620-.625 |