| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2610I/SOSQTP bảng dữ liệu(PDF) 207 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2610I/SOSQTP bảng dữ liệu(HTML) 207 Page - Microchip Technology |
|
207 / 376 page ![]() © 2009 Microchip Technology Inc. DS39636D-page 209 PIC18F2X1X/4X1X FIGURE 17-12: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 17-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION RC7/RX/DT pin RC6/TX/CK pin Write to TXREG reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 51 PIR1 PSPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 54 PIE1 PSPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 54 IPR1 PSPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 54 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 53 TXREG EUSART Transmit Register 53 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 53 BAUDCON ABDOVF RCIDL —SCKP BRG16 — WUE ABDEN 53 SPBRGH EUSART Baud Rate Generator Register, High Byte 53 SPBRG EUSART Baud Rate Generator Register, Low Byte 53 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for synchronous master transmission. Note 1: These bits are unimplemented on 28-pin devices and read as ‘0’. |