công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F1320E/SOSQTP bảng dữ liệu(PDF) 122 Page - Microchip Technology

tên linh kiện PIC18F1320E/SOSQTP
Giải thích chi tiết về linh kiện  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320E/SOSQTP bảng dữ liệu(HTML) 122 Page - Microchip Technology

Back Button PIC18F1320E/SOSQTP Datasheet HTML 118Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 119Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 122Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 123Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 124Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 125Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 308 page
background image
PIC18F1220/1320
DS39605F-page 120
© 2007 Microchip Technology Inc.
FIGURE 15-3:
SIMPLIFIED BLOCK DIAGRAM OF THE ENHANCED PWM MODULE
FIGURE 15-4:
PWM OUTPUT RELATIONSHIPS (ACTIVE-HIGH STATE)
CCPR1L
CCPR1H (Slave)
Comparator
TMR2
Comparator
PR2
(Note 1)
RQ
S
Duty Cycle Registers
CCP1CON<5:4>
Clear Timer,
set CCP1 pin and
latch D.C.
Note:
The 8-bit TMR2 register is concatenated with the 2-bit internal Q clock, or 2 bits of the prescaler to create the
10-bit time base.
TRISB<3>
RB3/CCP1/P1A
TRISB<2>
RB2/P1B/INT2
TRISB<6>
RB6/PGC/T1OSO/T13CKI/
TRISB<7>
RB7/PGD/T1OSI/P1D/KBI3
Output
Controller
P1M1<1:0>
2
CCP1M<3:0>
4
CCP1DEL
CCP1/P1A
P1B
P1C
P1D
P1C/KBI2
0
Period
00
10
01
11
SIGNAL
PR2+1
CCP1CON<7:6>
P1A Modulated
P1A Modulated
P1B Modulated
P1A Active
P1B Inactive
P1C Inactive
P1D Modulated
P1A Inactive
P1B Modulated
P1C Active
P1D Inactive
Duty
Cycle
(Single Output)
(Half-Bridge)
(Full-Bridge,
Forward)
(Full-Bridge,
Reverse)
Delay(1)
Delay(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More