công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F1320I/SOSQTP bảng dữ liệu(PDF) 124 Page - Microchip Technology

tên linh kiện PIC18F1320I/SOSQTP
Giải thích chi tiết về linh kiện  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320I/SOSQTP bảng dữ liệu(HTML) 124 Page - Microchip Technology

Back Button PIC18F1320I/SOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 122Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 123Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 124Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 125Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 126Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 127Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 308 page
background image
PIC18F1220/1320
DS39605F-page 122
© 2007 Microchip Technology Inc.
15.5.4
HALF-BRIDGE MODE
In the Half-Bridge Output mode, two pins are used as
outputs to drive push-pull loads. The PWM output
signal is output on the RB3/CCP1/P1A pin, while the
complementary PWM output signal is output on the
RB2/P1B/INT2 pin (Figure 15-6). This mode can be
used
for
half-bridge
applications,
as
shown
in
Figure 15-7, or for full-bridge applications, where four
power switches are being modulated with two PWM
signals.
In Half-Bridge Output mode, the programmable dead-
band delay can be used to prevent shoot-through
current in half-bridge power devices. The value of bits,
PDC6:PDC0 (PWM1CON<6:0>), sets the number of
instruction cycles before the output is driven active. If the
value is greater than the duty cycle, the corresponding
output remains inactive during the entire cycle. See
Section 15.5.6 “Programmable Dead-Band Delay”
for more details of the dead-band delay operations.
The TRISB<3> and TRISB<2> bits must be cleared to
configure P1A and P1B as outputs.
FIGURE 15-6:
HALF-BRIDGE PWM
OUTPUT (ACTIVE-HIGH)
FIGURE 15-7:
EXAMPLES OF HALF-BRIDGE OUTPUT MODE APPLICATIONS
Period
Duty Cycle
td
td
(1)
P1A
P1B
td = Dead-Band Delay
Period
(1)
(1)
Note
1: At this time, the TMR2 register is equal to the
PR2 register.
PIC18F1220/1320
P1A
P1B
FET
Driver
FET
Driver
Load
+
V
-
+
V
-
FET
Driver
FET
Driver
V+
V-
Load
FET
Driver
FET
Driver
PIC18F1220/1320
P1A
P1B
Standard Half-Bridge Circuit (“Push-Pull”)
Half-Bridge Output Driving a Full-Bridge Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com