| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F87XATI/SP bảng dữ liệu(PDF) 165 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87XATI/SP bảng dữ liệu(HTML) 165 Page - Microchip Technology |
|
165 / 234 page ![]() 2001-2013 Microchip Technology Inc. DS39582C-page 165 PIC16F87XA SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 f 127 d [0,1] Operation: (f<3:0>) (destination<7:4>), (f<7:4>) (destination<3:0>) Status Affected: None Description: The upper and lower nibbles of register ‘f’ are exchanged. If ‘d’ is ‘0’, the result is placed in the W register. If ‘d’ is ‘1’, the result is placed in register ‘f’. XORLW Exclusive OR Literal with W Syntax: [ label ] XORLW k Operands: 0 k 255 Operation: (W) .XOR. k W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit literal ‘k’. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label ] XORWF f,d Operands: 0 f 127 d [0,1] Operation: (W) .XOR. (f) destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f’. |