| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC9S08SH4MPJR bảng dữ liệu(PDF) 111 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR bảng dữ liệu(HTML) 111 Page - Freescale Semiconductor, Inc |
|
111 / 341 page ![]() Chapter 7 Central Processor Unit (S08CPUV2) MC9S08SH8 MCU Series Data Sheet, Rev. 3 Freescale Semiconductor 107 MOV opr8a,opr8a MOV opr8a,X+ MOV #opr8i,opr8a MOV ,X+,opr8a Move (M)destination ← (M)source In IX+/DIR and DIR/IX+ Modes, H:X ← (H:X) + $0001 DIR/DIR DIR/IX+ IMM/DIR IX+/DIR 4E 5E 6E 7E dd dd dd ii dd dd 5 5 4 5 rpwpp rfwpp pwpp rfwpp 011– – ↕ ↕ – MUL Unsigned multiply X:A ← (X) × (A) INH 42 5 ffffp –110 –––0 NEG opr8a NEGA NEGX NEG oprx8,X NEG ,X NEG oprx8,SP Negate M ← – (M) = $00 – (M) (Two’s Complement) A ← – (A) = $00 – (A) X ← – (X) = $00 – (X) M ← – (M) = $00 – (M) M ← – (M) = $00 – (M) M ← – (M) = $00 – (M) DIR INH INH IX1 IX SP1 30 40 50 60 70 9E 60 dd ff ff 5 1 1 5 4 6 rfwpp p p rfwpp rfwp prfwpp ↕ 11 – – ↕ ↕ ↕ NOP No Operation — Uses 1 Bus Cycle INH 9D 1 p –11– –––– NSA Nibble Swap Accumulator A ← (A[3:0]:A[7:4]) INH 62 1 p –11– –––– ORA #opr8i ORA opr8a ORA opr16a ORA oprx16,X ORA oprx8,X ORA ,X ORA oprx16,SP ORA oprx8,SP Inclusive OR Accumulator and Memory A ← (A) | (M) IMM DIR EXT IX2 IX1 IX SP2 SP1 AA BA CA DA EA FA 9E DA 9E EA ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 pp rpp prpp prpp rpp rfp pprpp prpp 011– – ↕ ↕ – PSHA Push Accumulator onto Stack Push (A); SP ← (SP) – $0001 INH 87 2 sp –11– –––– PSHH Push H (Index Register High) onto Stack Push (H); SP ← (SP) – $0001 INH 8B 2 sp –11– –––– PSHX Push X (Index Register Low) onto Stack Push (X); SP ← (SP) – $0001 INH 89 2 sp –11– –––– PULA Pull Accumulator from Stack SP ← (SP + $0001); Pull (A) INH 86 3 ufp –11– –––– PULH Pull H (Index Register High) from Stack SP ← (SP + $0001); Pull (H) INH 8A 3 ufp –11– –––– PULX Pull X (Index Register Low) from Stack SP ← (SP + $0001); Pull (X) INH 88 3 ufp –11– –––– ROL opr8a ROLA ROLX ROL oprx8,X ROL ,X ROL oprx8,SP Rotate Left through Carry DIR INH INH IX1 IX SP1 39 49 59 69 79 9E 69 dd ff ff 5 1 1 5 4 6 rfwpp p p rfwpp rfwp prfwpp ↕ 11 – – ↕ ↕ ↕ ROR opr8a RORA RORX ROR oprx8,X ROR ,X ROR oprx8,SP Rotate Right through Carry DIR INH INH IX1 IX SP1 36 46 56 66 76 9E 66 dd ff ff 5 1 1 5 4 6 rfwpp p p rfwpp rfwp prfwpp ↕ 11 – – ↕ ↕ ↕ Table 7-2. Instruction Set Summary (Sheet 6 of 9) Source Form Operation Object Code Cyc-by-Cyc Details Affect on CCR V 1 1 H I N Z C C b0 b7 b0 b7 C |