công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 279 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 275Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 276Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 277Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 278Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 279Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 280Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 281Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 282Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 341 page
background image
Chapter 17 Development Support
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
275
Table 17-1. BDC Command Summary
Command
Mnemonic
Active BDM/
Non-intrusive
Coding
Structure
Description
SYNC
Non-intrusive
n/a1
1 The SYNC command is a special operation that does not have a command code.
Request a timed reference pulse to determine
target BDC communication speed
ACK_ENABLE
Non-intrusive
D5/d
Enable acknowledge protocol. Refer to
Freescale document order no. HCS08RMv1/D.
ACK_DISABLE
Non-intrusive
D6/d
Disable acknowledge protocol. Refer to
Freescale document order no. HCS08RMv1/D.
BACKGROUND
Non-intrusive
90/d
Enter active background mode if enabled
(ignore if ENBDM bit equals 0)
READ_STATUS
Non-intrusive
E4/SS
Read BDC status from BDCSCR
WRITE_CONTROL
Non-intrusive
C4/CC
Write BDC controls in BDCSCR
READ_BYTE
Non-intrusive
E0/AAAA/d/RD
Read a byte from target memory
READ_BYTE_WS
Non-intrusive
E1/AAAA/d/SS/RD
Read a byte and report status
READ_LAST
Non-intrusive
E8/SS/RD
Re-read byte from address just read and
report status
WRITE_BYTE
Non-intrusive
C0/AAAA/WD/d
Write a byte to target memory
WRITE_BYTE_WS
Non-intrusive
C1/AAAA/WD/d/SS
Write a byte and report status
READ_BKPT
Non-intrusive
E2/RBKP
Read BDCBKPT breakpoint register
WRITE_BKPT
Non-intrusive
C2/WBKP
Write BDCBKPT breakpoint register
GO
Active BDM
08/d
Go to execute the user application program
starting at the address currently in the PC
TRACE1
Active BDM
10/d
Trace 1 user instruction at the address in the
PC, then return to active background mode
TAGGO
Active BDM
18/d
Same as GO but enable external tagging
(HCS08 devices have no external tagging pin)
READ_A
Active BDM
68/d/RD
Read accumulator (A)
READ_CCR
Active BDM
69/d/RD
Read condition code register (CCR)
READ_PC
Active BDM
6B/d/RD16
Read program counter (PC)
READ_HX
Active BDM
6C/d/RD16
Read H and X register pair (H:X)
READ_SP
Active BDM
6F/d/RD16
Read stack pointer (SP)
READ_NEXT
Active BDM
70/d/RD
Increment H:X by one then read memory byte
located at H:X
READ_NEXT_WS
Active BDM
71/d/SS/RD
Increment H:X by one then read memory byte
located at H:X. Report status and data.
WRITE_A
Active BDM
48/WD/d
Write accumulator (A)
WRITE_CCR
Active BDM
49/WD/d
Write condition code register (CCR)
WRITE_PC
Active BDM
4B/WD16/d
Write program counter (PC)
WRITE_HX
Active BDM
4C/WD16/d
Write H and X register pair (H:X)
WRITE_SP
Active BDM
4F/WD16/d
Write stack pointer (SP)
WRITE_NEXT
Active BDM
50/WD/d
Increment H:X by one, then write memory byte
located at H:X
WRITE_NEXT_WS
Active BDM
51/WD/d/SS
Increment H:X by one, then write memory byte
located at H:X. Also report status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com