công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 217 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 213Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 214Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 216Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 217Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 218Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 219Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 220Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 341 page
background image
Chapter 14 Serial Communications Interface (S08SCIV4)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
213
14.2.5
SCI Status Register 2 (SCIxS2)
This register has one read-only status flag.
1
FE
Framing Error Flag — FE is set at the same time as RDRF when the receiver detects a logic 0 where the stop
bit was expected. This suggests the receiver was not properly aligned to a character frame. To clear FE, read
SCIxS1 with FE = 1 and then read the SCI data register (SCIxD).
0 No framing error detected. This does not guarantee the framing is correct.
1 Framing error.
0
PF
Parity Error Flag — PF is set at the same time as RDRF when parity is enabled (PE = 1) and the parity bit in
the received character does not agree with the expected parity value. To clear PF, read SCIxS1 and then read
the SCI data register (SCIxD).
0 No parity error.
1 Parity error.
76543210
R
LBKDIF
RXEDGIF
0
RXINV
RWUID
BRK13
LBKDE
RAF
W
Reset
00000000
= Unimplemented or Reserved
Figure 14-9. SCI Status Register 2 (SCIxS2)
Table 14-6. SCIxS2 Field Descriptions
Field
Description
7
LBKDIF
LIN Break Detect Interrupt Flag — LBKDIF is set when the LIN break detect circuitry is enabled and a LIN break
character is detected. LBKDIF is cleared by writing a “1” to it.
0 No LIN break character has been detected.
1 LIN break character has been detected.
6
RXEDGIF
RxD Pin Active Edge Interrupt Flag — RXEDGIF is set when an active edge (falling if RXINV = 0, rising if
RXINV=1) on the RxD pin occurs. RXEDGIF is cleared by writing a “1” to it.
0 No active edge on the receive pin has occurred.
1 An active edge on the receive pin has occurred.
4
RXINV1
Receive Data Inversion — Setting this bit reverses the polarity of the received data input.
0 Receive data not inverted
1 Receive data inverted
3
RWUID
Receive Wake Up Idle Detect— RWUID controls whether the idle character that wakes up the receiver sets the
IDLE bit.
0 During receive standby state (RWU = 1), the IDLE bit does not get set upon detection of an idle character.
1 During receive standby state (RWU = 1), the IDLE bit gets set upon detection of an idle character.
2
BRK13
Break Character Generation Length — BRK13 is used to select a longer transmitted break character length.
Detection of a framing error is not affected by the state of this bit.
0 Break character is transmitted with length of 10 bit times (11 if M = 1)
1 Break character is transmitted with length of 13 bit times (14 if M = 1)
Table 14-5. SCIxS1 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com