| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C4 bảng dữ liệu(PDF) 121 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C4 bảng dữ liệu(HTML) 121 Page - Altera Corporation |
|
121 / 274 page ![]() Chapter 6: I/O Features in the Cyclone III Device Family 6–23 Document Revision History July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 July 2007 1.1 ■ Updated feetpara note in “Programmable Current Strength” section. ■ Updated feetpara note in “Slew Rate Control” section. ■ Updated feetpara note in “Open-Drain Output” section. ■ Updated feetpara note in “Bus Hold” section. ■ Updated feetpara note in “Programmable Pull-Up Resistor” section. ■ Updated feetpara note in “PCI-Clamp Diode” section. ■ Updated Figure 6–13. ■ Updated Figure 6–14 and added Note (1). ■ Updated “I/O Banks” section. ■ Updated Note (5) to Figure 6–15. ■ Updated “DDR/DDR2 and QDRII Pads” section and corrected ‘cms’ to ‘cmd’. ■ Updated Note 3 in Table 6-8. ■ Added chapter TOC and “Referenced Documents” section. March 2007 1.0 Initial release. Table 6–7. Document Revision History (Part 3 of 3) Date Version Changes |