| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C3 bảng dữ liệu(PDF) 226 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 bảng dữ liệu(HTML) 226 Page - Altera Corporation |
|
226 / 274 page ![]() 9–68 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Configuration Features Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 DATA[0] (1), (2) I/O PS, FPP, AS, AP (3) Input (PS, FPP, AS). Bidirectional (AP) (3) Data input. In serial configuration modes, bit-wide configuration data is presented to the target Cyclone III device family on the DATA[0] pin. In AS mode, DATA[0] has an internal pull-up resistor that is always active. After AS configuration, DATA[0] is a dedicated input pin with optional user control. After PS or FPP configuration, DATA[0] is available as a user I/O pin and the state of this pin depends on the Dual-Purpose Pin settings. After AP configuration, DATA[0] is a dedicated bidirectional pin with optional user control. (3) DATA[1] , ASDO (1), (2) I/O FPP, AS, AP (3) Input (FPP), Output (AS). Bidirectional (AP) (3) Data input in non-AS mode. Control signal from the Cyclone III device family to the serial configuration device in AS mode used to read out configuration data. The DATA[1] pin functions as the ASDO pin in AS mode. In AS mode, DATA[1] has an internal pull-up resistor that is always active. After AS configuration, DATA[1] is a dedicated output pin with optional user control. In PS configuration scheme, DATA[1] functions as user I/O pin during configuration, which means it is tri-stated. After FPP configuration, DATA[1] is available as a user I/O pin and the state of this pin depends on the Dual-Purpose Pin settings. In AP configuration scheme, which is for Cyclone III devices only, the byte-wide or word-wide configuration data is presented to the target Cyclone III device on DATA[7..0] or DATA[15..0] , respectively. After AP configuration, DATA[1] is a dedicated bidirectional pin with optional user control. (3) DATA[7..2] I/O FPP, AP (3) Inputs (FPP). Bidirectional (AP) (3) Data inputs. In AS or PS configuration schemes, they function as user I/O pins during configuration, which means they are tri-stated. After FPP configuration, DATA[7..2] are available as user I/O pins and the state of these pin depends on the Dual-Purpose Pin settings. The byte-wide or word-wide configuration data is presented to the target Cyclone III device on DATA[7..0] or DATA[15..0] , respectively, in the AP configuration scheme (for Cyclone III devices only). After AP configuration, DATA[7..2] are dedicated bidirectional pins with optional user control. (3) DATA[15..8] I/O AP (3) Bidirectional Data inputs. Word-wide configuration data is presented to the target Cyclone III device on DATA[15..0]. In PS, FPP, or AS configuration schemes, they function as user I/O pins during configuration, which means they are tri-stated. After AP configuration, DATA[15:8] are dedicated bidirectional pins with optional user control. Table 9–22. Dedicated Configuration Pins on Cyclone III Device Family (Part 3 of 4) Pin Name User Mode Configuration Scheme Pin Type Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |