| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ32GP202TH/SP bảng dữ liệu(PDF) 390 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/SP bảng dữ liệu(HTML) 390 Page - Microchip Technology |
|
390 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 390 Preliminary 2009 Microchip Technology Inc. Section 30.0 “Electrical Characteristics” Updated Typical values for Thermal Packaging Characteristics (see Table 30-3). Updated Min and Max values for parameter DC12 (RAM Data Retention Voltage) and added Note 4 (see Table 30-4). Updated Power-Down Current Max values for parameters DC60b and DC60c (see Table 30-7). Updated Characteristics for I/O Pin Input Specifications and added parameter DI21 (see Table 30-9). Updated Program Memory values for parameters 136, 137, and 138 (renamed to 136a, 137a, and 138a), added parameters 136b, 137b, and 138b, and added Note 2 (see Table 30-12). Added parameter OS42 (GM) to the External Clock Timing Requirements (see Table 30-16). Updated Watchdog Timer Time-out Period parameter SY20 (see Table 30-21). Updated the IREF Current Drain parameter AD08 (see Table 30-37). Updated parameters AD30a, AD31a, AD32a, AD33a, and AD34a (see Table 30-38) Updated parameters AD30b, AD31b, AD32b, AD33b, and AD34b (see Table 30-39) TABLE A-2: MAJOR SECTION UPDATES (CONTINUED) Section Name Update Description |