| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ32GP202TH/SP bảng dữ liệu(PDF) 377 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/SP bảng dữ liệu(HTML) 377 Page - Microchip Technology |
|
377 / 403 page ![]() 2009 Microchip Technology Inc. Preliminary DS70292D-page 377 dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 32.0 PACKAGING INFORMATION Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: If the full Microchip part number cannot be marked on one line, it is carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead SPDIP XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ32GP 0730235 28-Lead SOIC (.300”) XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33FJ32GP 0730235 302-E/SP 302-E/SO 3 e 3 e XXXXXXXXXX 44-Lead QFN XXXXXXXXXX XXXXXXXXXX YYWWNNN dsPIC Example -E/ML 0730235 44-Lead TQFP XXXXXXXXXX XXXXXXXXXX XXXXXXXXXX YYWWNNN 33FJ32GP304 Example dsPIC -I/PT 0730235 33FJ32GP304 3 e 3 e XXXXXXXX 28-Lead QFN-S XXXXXXXX YYWWNNN 33FJ32GP Example 302EMM 0730235 3 e |