| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ32GP202TH/SP bảng dữ liệu(PDF) 357 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/SP bảng dữ liệu(HTML) 357 Page - Microchip Technology |
|
357 / 403 page ![]() 2009 Microchip Technology Inc. Preliminary DS70292D-page 357 dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 FIGURE 30-20: ADC CONVERSION (12-BIT MODE) TIMING CHARACTERISTICS (ASAM = 0, SSRC<2:0> = 000) AD55 TSAMP Clear SAMP Set SAMP AD61 ADCLK Instruction SAMP AD60 DONE AD1IF 1 2 3 4 5 6 8 7 1 – Software sets AD1CON. SAMP to start sampling. 2 – Sampling starts after discharge period. TSAMP is described in 3 – Software clears AD1CON. SAMP to start conversion. 4 – Sampling ends, conversion sequence starts. 5 – Convert bit 11. 9 – One TAD for end of conversion. AD50 9 6 – Convert bit 10. 7 – Convert bit 1. 8 – Convert bit 0. Execution (DS70210) in the “dsPIC33F/PIC24H Family Reference Manual”. Section 28. “Analog-to-Digital Converter (ADC) without DMA” for the latest dsPIC33F Family Reference Manual sections. Please see the Microchip web site (www.microchip.com) |