công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72260G bảng dữ liệu(PDF) 134 Page - STMicroelectronics

tên linh kiện ST72260G
Giải thích chi tiết về linh kiện  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72260G bảng dữ liệu(HTML) 134 Page - STMicroelectronics

Back Button ST72260G Datasheet HTML 130Page - STMicroelectronics ST72260G Datasheet HTML 131Page - STMicroelectronics ST72260G Datasheet HTML 132Page - STMicroelectronics ST72260G Datasheet HTML 133Page - STMicroelectronics ST72260G Datasheet HTML 134Page - STMicroelectronics ST72260G Datasheet HTML 135Page - STMicroelectronics ST72260G Datasheet HTML 136Page - STMicroelectronics ST72260G Datasheet HTML 137Page - STMicroelectronics ST72260G Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
134/172
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
13.4.4 On-chip peripherals
Notes:
1. Data based on a differential IDD measurement between reset configuration (timer counter running at fCPU/2) and timer
counter stopped (only TIMD bit set). Data valid for one timer.
2. Data based on a differential IDD measurement between reset configuration (SPI disabled) and a permanent SPI master
communication at maximum speed (data sent equal to FFh).This measurement includes the pad toggling consumption.
3. Data based on a differential IDD measurement between SCI running at maximum speed configuration (500 kbaud, con-
tinuous transmission of AA +RE enabled and SCI off. This measurement includes the pad toggling consumption.
4. Data based on a differential IDD measurement between reset configuration (I2C disabled) and a permanent I2C master
communication at 300kHz (data sent equal to AAh). This measurement includes the pad toggling consumption
(4.7kOhm external pull-up on clock and data lines).
5. Data based on a differential IDD measurement between reset configuration (ADC off) and continuous A/D conversion
(fADC=4MHz).
Symbol
Parameter
Conditions
Typ
Unit
IDD(TIM)
16-bit Timer supply current 1)
fCPU=4MHz
VDD=3.0V
200
µA
fCPU=8MHz
VDD=5.0V
300
IDD(SPI)
SPI supply current 2)
fCPU=4MHz
VDD=3.0V
200
fCPU=8MHz
VDD=5.0V
250
IDD(SCI)
SCI supply current 3)
fCPU=4MHz
VDD=3.0V
350
fCPU=8MHz
VDD=5.0V
650
IDD(I2C)
I2C supply current 4)
fCPU=4MHz
VDD=3.0V
350
fCPU=8MHz
VDD=5.0V
500
IDD(ADC)
ADC supply current when converting 5)
fADC=4MHz
VDD=3.0V
500
VDD=5.0V
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com