công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJMC204HSS bảng dữ liệu(PDF) 221 Page - Microchip Technology

tên linh kiện DSPIC33FJMC204HSS
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSS bảng dữ liệu(HTML) 221 Page - Microchip Technology

Back Button DSPIC33FJMC204HSS Datasheet HTML 217Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 218Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 219Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 220Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 221Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 222Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 223Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 224Page - Microchip Technology DSPIC33FJMC204HSS Datasheet HTML 225Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 221
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
Wm*Wm
Multiplicand and Multiplier working register pair for Square instructions
∈
{W4 * W4,W5 * W5,W6 * W6,W7 * W7}
Wm*Wn
Multiplicand and Multiplier working register pair for DSP instructions
∈
{W4 * W5,W4 * W6,W4 * W7,W5 * W6,W5 * W7,W6 * W7}
Wn
One of 16 working registers
∈ {W0..W15}
Wnd
One of 16 destination working registers
∈ {W0...W15}
Wns
One of 16 source working registers
∈ {W0...W15}
WREG
W0 (working register used in file register instructions)
Ws
Source W register
∈ { Ws, [Ws], [Ws++], [Ws--], [++Ws], [--Ws] }
Wso
Source W register
∈
{ Wns, [Wns], [Wns++], [Wns--], [++Wns], [--Wns], [Wns+Wb] }
Wx
X data space prefetch address register for DSP instructions
∈ {[W8] + = 6, [W8] + = 4, [W8] + = 2, [W8], [W8] - = 6, [W8] - = 4, [W8] - = 2,
[W9] + = 6, [W9] + = 4, [W9] + = 2, [W9], [W9] - = 6, [W9] - = 4, [W9] - = 2,
[W9 + W12], none}
Wxd
X data space prefetch destination register for DSP instructions
∈ {W4...W7}
Wy
Y data space prefetch address register for DSP instructions
∈ {[W10] + = 6, [W10] + = 4, [W10] + = 2, [W10], [W10] - = 6, [W10] - = 4, [W10] - = 2,
[W11] + = 6, [W11] + = 4, [W11] + = 2, [W11], [W11] - = 6, [W11] - = 4, [W11] - = 2,
[W11 + W12], none}
Wyd
Y data space prefetch destination register for DSP instructions
∈ {W4...W7}
TABLE 22-1:
SYMBOLS USED IN OPCODE DESCRIPTIONS (CONTINUED)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More