công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2525ISO bảng dữ liệu(PDF) 103 Page - Microchip Technology

tên linh kiện PIC18F2525ISO
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISO bảng dữ liệu(HTML) 103 Page - Microchip Technology

Back Button PIC18F2525ISO Datasheet HTML 99Page - Microchip Technology PIC18F2525ISO Datasheet HTML 100Page - Microchip Technology PIC18F2525ISO Datasheet HTML 101Page - Microchip Technology PIC18F2525ISO Datasheet HTML 102Page - Microchip Technology PIC18F2525ISO Datasheet HTML 103Page - Microchip Technology PIC18F2525ISO Datasheet HTML 104Page - Microchip Technology PIC18F2525ISO Datasheet HTML 105Page - Microchip Technology PIC18F2525ISO Datasheet HTML 106Page - Microchip Technology PIC18F2525ISO Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 101
PIC18F2525/2620/4525/4620
TABLE 9-7:
PORTD I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RD0/PSP0
RD0
0
O
DIG
LATD<0> data output.
1
I
ST
PORTD<0> data input.
PSP0
x
O
DIG
PSP read data output (LATD<0>); takes priority over port data.
x
I
TTL
PSP write data input.
RD1/PSP1
RD1
0
O
DIG
LATD<1> data output.
1
I
ST
PORTD<1> data input.
PSP1
x
O
DIG
PSP read data output (LATD<1>); takes priority over port data.
x
I
TTL
PSP write data input.
RD2/PSP2
RD2
0
O
DIG
LATD<2> data output.
1
I
ST
PORTD<2> data input.
PSP2
x
O
DIG
PSP read data output (LATD<2>); takes priority over port data.
x
I
TTL
PSP write data input.
RD3/PSP3
RD3
0
O
DIG
LATD<3> data output.
1
I
ST
PORTD<3> data input.
PSP3
x
O
DIG
PSP read data output (LATD<3>); takes priority over port data.
x
I
TTL
PSP write data input.
RD4/PSP4
RD4
0
O
DIG
LATD<4> data output.
1
I
ST
PORTD<4> data input.
PSP4
x
O
DIG
PSP read data output (LATD<4>); takes priority over port data.
x
I
TTL
PSP write data input.
RD5/PSP5/P1B
RD5
0
O
DIG
LATD<5> data output.
1
I
ST
PORTD<5> data input.
PSP5
x
O
DIG
PSP read data output (LATD<5>); takes priority over port data.
x
I
TTL
PSP write data input.
P1B
0
O
DIG
ECCP1 Enhanced PWM output, channel B; takes priority over port and
PSP data. May be configured for tri-state during Enhanced PWM
shutdown events.
RD6/PSP6/P1C
RD6
0
O
DIG
LATD<6> data output.
1
I
ST
PORTD<6> data input.
PSP6
x
O
DIG
PSP read data output (LATD<6>); takes priority over port data.
x
I
TTL
PSP write data input.
P1C
0
O
DIG
ECCP1 Enhanced PWM output, channel C; takes priority over port and
PSP data. May be configured for tri-state during Enhanced PWM
shutdown events.
RD7/PSP7/P1D
RD7
0
O
DIG
LATD<7> data output.
1
I
ST
PORTD<7> data input.
PSP7
x
O
DIG
PSP read data output (LATD<7>); takes priority over port data.
x
I
TTL
PSP write data input.
P1D
0
O
DIG
ECCP1 Enhanced PWM output, channel D; takes priority over port and
PSP data. May be configured for tri-state during Enhanced PWM
shutdown events.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer;
x
= Don’t care (TRIS bit does not affect port direction or is overridden for this option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More