công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ12MC202TESS bảng dữ liệu(PDF) 290 Page - Microchip Technology

tên linh kiện DSPIC33FJ12MC202TESS
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC202TESS bảng dữ liệu(HTML) 290 Page - Microchip Technology

Back Button DSPIC33FJ12MC202TESS Datasheet HTML 286Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 287Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 288Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 289Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 290Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 291Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 292Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 293Page - Microchip Technology DSPIC33FJ12MC202TESS Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 290
© 2007-2011 Microchip Technology Inc.
Section 17.0 “Inter-Integrated
Circuit™ (I2C™)”
Removed the following sections, which are now available in the related section
of the dsPIC33F Family Reference Manual:
• 17.3 “I2C Interrupts”
• 17.4 “Baud Rate Generator” (retained Figure 17-1: I2C Block Diagram)
• 17.5 “I2C Module Addresses
• 17.6 “Slave Address Masking”
• 17.7 “IPMI Support”
• 17.8 “General Call Address Support”
• 17.9 “Automatic Clock Stretch”
• 17.10 “Software Controlled Clock Stretching (STREN = 1)”
• 17.11 “Slope Control”
• 17.12 “Clock Arbitration”
• 17.13 “Multi-Master Communication, Bus Collision, and Bus Arbitration
• 17.14 “Peripheral Pin Select Limitations
Section 18.0 “Universal
Asynchronous Receiver
Transmitter (UART)”
Removed the following sections, which are now available in the related section
of the dsPIC33F Family Reference Manual:
• 18.1 “UART Baud Rate Generator”
• 18.2 “Transmitting in 8-bit Data Mode
• 18.3 “Transmitting in 9-bit Data Mode
• 18.4 “Break and Sync Transmit Sequence”
• 18.5 “Receiving in 8-bit or 9-bit Data Mode”
• 18.6 “Flow Control Using UxCTS and UxRTS Pins”
• 18.7 “Infrared Support”
Removed IrDA references and Note 1, and updated the bit and bit value
descriptions for UTXINV (UxSTA<14>) in the UARTx Status and Control
Register (see Register 18-2).
TABLE 25-1:
MAJOR SECTION UPDATES
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More