| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ12MC202TESS bảng dữ liệu(PDF) 202 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ12MC202TESS bảng dữ liệu(HTML) 202 Page - Microchip Technology |
|
202 / 304 page ![]() dsPIC33FJ12MC201/202 DS70265E-page 202 © 2007-2011 Microchip Technology Inc. bit 2-1 CH123NA<1:0>: Channel 1, 2, 3 Negative Input Select for Sample A bits If AD12B = 1: 11 = Reserved 10 = Reserved 01 = Reserved 00 = Reserved If AD12B = 0: 11 = Reserved 10 = Reserved 01 = CH1, CH2, CH3 negative input is VREF- 00 = CH1, CH2, CH3 negative input is VREF- bit 0 CH123SA: Channel 1, 2, 3 Positive Input Select for Sample A bit dsPIC33FJ12MC201 devices only: If AD12B = 1: 1 = Reserved 0 = Reserved If AD12B = 0: 1 = CH1 positive input is AN3, CH2 and CH3 positive inputs are not connected 0 = CH1 positive input is AN0, CH2 positive input is AN1, CH3 positive input is AN2 dsPIC33FJ12MC202 devices only: If AD12B = 1: 1 = Reserved 0 = Reserved If AD12B = 0: 1 = CH1 positive input is AN3, CH2 positive input is AN4, CH3 positive input is AN5 0 = CH1 positive input is AN0, CH2 positive input is AN1, CH3 positive input is AN2 REGISTER 20-4: AD1CHS123: ADC1 INPUT CHANNEL 1, 2, 3 SELECT REGISTER (CONTINUED) |