| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMPF0100NPEP bảng dữ liệu(PDF) 108 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMPF0100NPEP bảng dữ liệu(HTML) 108 Page - Freescale Semiconductor, Inc |
|
108 / 137 page ![]() Analog Integrated Circuit Device Data 108 Freescale Semiconductor PF0100 Functional Block Requirements and Behaviors Control Interface I2C Block Description Table 119. Register INTMASK1 - ADDR 0x09 Name Bit # R/W Default Description SW1AFAULTM 0 R/W 1 SW1A Over-current interrupt mask bit SW1BFAULTM 1 R/W 1 SW1B Over-current interrupt mask bit SW1CFAULTM 2 R/W 1 SW1C Over-current interrupt mask bit SW2FAULTM 3 R/W 1 SW2 Over-current interrupt mask bit SW3AFAULTM 4 R/W 1 SW3A Over-current interrupt mask bit SW3BFAULTM 5 R/W 1 SW3B Over-current interrupt mask bit SW4FAULTM 6 R/W 1 SW4 Over-current interrupt mask bit UNUSED 7 – 0 Unused Table 120. Register INTSENSE1 - ADDR 0x0A Name Bit # R/W Default Description SW1AFAULTS 0 R 0 SW1A Over-current sense bit 0 = Normal operation 1 = Above current limit SW1BFAULTS 1 R 0 SW1B Over-current sense bit 0 = Normal operation 1 = Above current limit SW1CFAULTS 2 R 0 SW1C Over-current sense bit 0 = Normal operation 1 = Above current limit SW2FAULTS 3 R 0 SW2 Over-current sense bit 0 = Normal operation 1 = Above current limit SW3AFAULTS 4 R 0 SW3A Over-current sense bit 0 = Normal operation 1 = Above current limit SW3BFAULTS 5 R 0 SW3B Over-current sense bit 0 = Normal operation 1 = Above current limit SW4FAULTS 6 R 0 SW4 Over-current sense bit 0 = Normal operation 1 = Above current limit UNUSED 7 – 0 Unused Table 121. Register INTSTAT3 - ADDR 0x0E Name Bit # R/W Default Description SWBSTFAULTI 0 R/W1C 0 SWBST over-current limit interrupt bit UNUSED 6:1 – 0x00 Unused OTP_ECCI 7 R/W1C 0 OTP error interrupt bit |