| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7FLITE29F2M7 bảng dữ liệu(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE29F2M7 bảng dữ liệu(HTML) 142 Page - STMicroelectronics |
|
142 / 166 page ![]() Electrical characteristics ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 142/166 Doc ID 8349 Rev 5 Figure 86. SPI slave timing diagram with CPHA = 0(1) 1. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD. 2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has its alternate function capability released. In this case, the pin status depends on the I/O port configuration. Figure 87. SPI Slave Timing Diagram with CPHA = 1(1) 1. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD. 2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has its alternate function capability released. In this case, the pin status depends on the I/O port configuration. 3. Depends on fCPU. For example, if fCPU = 8MHz, then TCPU = 1/ fCPU = 125ns and tSU(SS) = 550ns SS INPUT CPHA=0 MOSI INPUT MISO OUTPUT CPHA=0 tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) tv(SO) ta(SO) tsu(SI) th(SI) MSB OUT MSB IN BIT6 OUT LSB IN LSB OUT CPOL=0 CPOL=1 tsu(SS) th(SS) tdis(SO) th(SO) BIT1 IN (2) (2) SS INPUT CPHA=0 MOSI INPUT MISO OUTPUT CPHA=0 tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) ta(SO) tsu(SI) th(SI) MSB OUT BIT6 OUT LSB OUT CPOL=0 CPOL=1 tsu(SS) th(SS) tdis(SO) th(SO) (2) tc(SCK) HZ tv(SO) MSB IN LSB IN BIT1 IN (2) |