| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMAP3530ECBB72 bảng dữ liệu(PDF) 148 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBB72 bảng dữ liệu(HTML) 148 Page - Texas Instruments |
|
148 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Table 5-1. External Pins of 10-bit Video DAC (continued) PIN NAME I/O DESCRIPTION tv_out2 O TV analog output S-VIDEO DAC2 video output. An external resistor is connected between this node and tv_vfb2. The nominal value of ROUT2 is 1650 Ω. Finally, note that this is the output node that drives the load (75 Ω). tv_vref I Reference output voltage from internal A decoupling capacitor (CBG) needs to be connected for optimum bandgap performance. tv_vfb1 O Amplifier feedback node Amplifier feedback node. An external resistor is connected between this node and tv_out1. The nominal value of ROUT1 is 1650 Ω (1%). tv_vfb2 O Amplifier feedback node Amplifier feedback node. An external resistor is connected between this node and tv_out2. The nominal value of ROUT2 is 1650 Ω (1%). VIDEO DAC SPECIFICATIONS 148 Submit Documentation Feedback |