| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883 bảng dữ liệu(PDF) 113 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883 bảng dữ liệu(HTML) 113 Page - Microchip Technology |
|
113 / 338 page ![]() 2006-2012 Microchip Technology Inc. DS41291G-page 113 PIC16F882/883/884/886/887 TABLE 9-2: SUMMARY OF ASSOCIATED ADC REGISTERS Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page ADCON0 ADCS1 ADCS0 CHS3 CHS2 CHS1 CHS0 GO/DONE ADON 108 ADCON1 ADFM —VCFG1 VCFG0 — — — — 109 ANSEL ANS7 ANS6 ANS5 ANS4 ANS3 ANS2 ANS1 ANS0 42 ANSELH — — ANS13 ANS12 ANS11 ANS10 ANS9 ANS8 50 ADRESH A/D Result Register High Byte 110 ADRESL A/D Result Register Low Byte 110 INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 33 PIE1 —ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 34 PIR1 —ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 36 PORTA RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0 41 PORTB RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 50 PORTE — — — — RE3 RE2 RE1 RE0 61 TRISA TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 41 TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 50 TRISE — — — — TRISE3 TRISE2 TRISE1 TRISE0 61 Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for ADC module. |