| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RA7 bảng dữ liệu(PDF) 373 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RA7 bảng dữ liệu(HTML) 373 Page - Microchip Technology |
|
373 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 373 PIC16(L)F1946/47 For additional interface recommendations, refer to your specific device programmer manual prior to PCB design. It is recommended that isolation devices be used to separate the programming pins from other circuitry. The type of isolation is highly dependent on the specific application and may include devices such as resistors, diodes, or even jumpers. See Figure 28-4 for more information. FIGURE 28-4: TYPICAL CONNECTION FOR ICSP™ PROGRAMMING VDD VPP VSS External Device to be Data Clock VDD MCLR/VPP VSS ICSPDAT ICSPCLK * * * To Normal Connections * Isolation devices (as required). Programming Signals Programmed VDD |