| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE9 bảng dữ liệu(PDF) 459 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE9 bảng dữ liệu(HTML) 459 Page - Microchip Technology |
|
459 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 459 PIC16(L)F1946/47 33.0 PACKAGING INFORMATION 33.1 Package Marking Information * Standard PICmicro® device marking consists of Microchip part number, year code, week code and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 64-Lead QFN (9x9x0.9 mm) Example PIN 1 XXXXXXXXXXX XXXXXXXXXXX XXXXXXXXXXX YYWWNNN PIN 1 PIC16F1947 -I/MR 1110017 64-Lead TQFP (10x10x1 mm) Example XXXXXXXXXX YYWWNNN XXXXXXXXXX XXXXXXXXXX PIC16F1947 -I/PT 1110017 3 e 3 e |