| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE8 bảng dữ liệu(PDF) 332 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE8 bảng dữ liệu(HTML) 332 Page - Microchip Technology |
|
332 / 478 page ![]() PIC16(L)F1946/47 DS41414D-page 332 2010-2012 Microchip Technology Inc. 26.3 Operation during Sleep The capacitive sensing oscillator will continue to run as long as the module is enabled, independent of the part being in Sleep. In order for the software to determine if a frequency change has occurred, the part must be awake. However, the part does not have to be awake when the timer resource is acquiring counts. Note: Timer0 does not operate when in Sleep, and therefore cannot be used for capacitive sense measurements in Sleep. |