| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T0XCS bảng dữ liệu(PDF) 305 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
T0XCS bảng dữ liệu(HTML) 305 Page - Microchip Technology |
|
305 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 305 PIC16(L)F1946/47 FIGURE 25-5: ASYNCHRONOUS RECEPTION Start bit bit 7/8 bit 1 bit 0 bit 7/8 bit 0 Stop bit Start bit Start bit bit 7/8 Stop bit RXx/DTx pin Reg Rcv Buffer Reg Rcv Shift Read Rcv Buffer Reg RCxREG RCxIF (Interrupt Flag) OERR bit CREN Word 1 RCxREG Word 2 RCxREG Stop bit Note: This timing diagram shows three words appearing on the RXx/DTx input. The RCxREG (receive buffer) is read after the third word, causing the OERR (overrun) bit to be set. RCIDL TABLE 25-2: REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUD1CON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 309 BAUD2CON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 309 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 92 PIE1 — ADIE RC1IE TX1IE SSP1IE CCP1IE TMR2IE TMR1IE 93 PIE4 — — RC2IE TX2IE — — BCL2IE SSP2IE 96 PIR1 — ADIF RC1IF TX1IF SSP1IF CCP1IF TMR2IF TMR1IF 97 PIR4 — — RC2IF TX2IF — — BCL2IF SSP2IF 100 RC1REG EUSART1 Receive Register 302* RC1STA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 308 RC2REG EUSART2 Receive Register 302* RC2STA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 308 SP1BRGL EUSART1 Baud Rate Generator, Low Byte 310* SP1BRGH EUSART1 Baud Rate Generator, High Byte 310* SP2BRGL EUSART2 Baud Rate Generator, Low Byte 310* SP2BRGH EUSART2 Baud Rate Generator, High Byte 310* TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 137 TX1STA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 302 TX2STA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 307 Legend: — = unimplemented locations, read as ‘0’. Shaded bits are not used for asynchronous reception. * Page provides register information. |