công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

64GA110 bảng dữ liệu(PDF) 132 Page - Microchip Technology

tên linh kiện 64GA110
Giải thích chi tiết về linh kiện  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 bảng dữ liệu(HTML) 132 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 128Page - Microchip Technology 64GA110 Datasheet HTML 129Page - Microchip Technology 64GA110 Datasheet HTML 130Page - Microchip Technology 64GA110 Datasheet HTML 131Page - Microchip Technology 64GA110 Datasheet HTML 132Page - Microchip Technology 64GA110 Datasheet HTML 133Page - Microchip Technology 64GA110 Datasheet HTML 134Page - Microchip Technology 64GA110 Datasheet HTML 135Page - Microchip Technology 64GA110 Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 132
 2010 Microchip Technology Inc.
TABLE 10-3:
SELECTABLE OUTPUT SOURCES (MAPS FUNCTION TO OUTPUT)
Output Function Number(1)
Function
Output Name
0
NULL(2)
Null
1
C1OUT
Comparator 1 Output
2
C2OUT
Comparator 2 Output
3
U1TX
UART1 Transmit
4U1RTS(3)
UART1 Request To Send
5
U2TX
UART2 Transmit
6U2RTS(3)
UART2 Request To Send
7
SDO1
SPI1 Data Output
8
SCK1OUT(4)
SPI1 Clock Output
9
SS1OUT
SPI1 Slave Select Output
10
SDO2
SPI2 Data Output
11
SCK2OUT
SPI2 Clock Output
12
SS2OUT
SPI2 Slave Select Output
18
OC1
Output Compare 1
19
OC2
Output Compare 2
20
OC3
Output Compare 3
21
OC4
Output Compare 4
22
OC5
Output Compare 5
23
OC6
Output Compare 6
24
OC7
Output Compare 7
25
OC8
Output Compare 8
28
U3TX
UART3 Transmit
29
U3RTS(3)
UART3 Request To Send
30
U4TX
UART4 Transmit
31
U4RTS(3)
UART4 Request To Send
32
SDO3
SPI3 Data Output
33
SCK3OUT
SPI3 Clock Output
34
SS3OUT
SPI3 Slave Select Output
35
OC9
Output Compare 9
36
C3OUT
Comparator 3 Output
37-63
(unused)
NC
Note 1:
Setting the RPORx register with the listed value assigns that output function to the associated RPn pin.
2:
The NULL function is assigned to all RPn outputs at device Reset and disables the RPn output function.
3:
IrDA® BCLK functionality uses this output.
4:
SCK1OUT can also be specifically mapped to the ASCK1 pin by setting the SCK1CM bit (ALTRP<0>).
See Section 10.4.3.3 “Alternate Fixed Pin Mapping” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com