| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPTION_REG bảng dữ liệu(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
OPTION_REG bảng dữ liệu(HTML) 153 Page - Microchip Technology |
|
153 / 222 page ![]() FIGURE 27-6: I2C SLAVE, 7-BIT ADDRESS, RECEPTION (SEN = 0, AHEN = 0, DHEN = 0) Receiving Address ACK Receiving Data ACK Receiving Data ACK = 1 A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDA SCL SSPIF BF SSPOV 1 2 3 4 56 78 12 3 4 5 67 8 1 2 3 4 5 67 8 9 9 9 ACK is not sent. SSPOV set because SSPBUF is still full. Cleared by software First byte of data is available in SSPBUF SSPBUF is read SSPIF set on 9th falling edge of SCL Cleared by software P Bus Master sends Stop condition S From Slave to Master |