| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ANSELA bảng dữ liệu(PDF) 180 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ANSELA bảng dữ liệu(HTML) 180 Page - Microchip Technology |
|
180 / 222 page ![]() MCP19111 DS22331A-page 180 2013 Microchip Technology Inc. TABLE 27-1: SUMMARY OF REGISTERS ASSOCIATED WITH I2C OPERATION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on Page: INTCON GIE PEIE T0IE INTE IOCE T0IF INTF IOCF 93 PIE1 — ADIE BCLIE SSPIE — — TMR2IE TMR1IE 94 PIR1 — ADIF BCLIF SSPIF — — TMR2IF TMR1IF 96 TRISGPA TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 112 TRISGPB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 115 SSPADD ADD7 ADD6 ADD5 ADD4 ADD3 ADD2 ADD1 ADD0 186 SSPBUF Synchronous Serial Port Receive Buffer/Transmit Register 146* SSPCON1 WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 183 SSPCON2 GCEN ACKSTAT ACKDT ACKEN RCEN PEN RSEN SEN 184 SSPCON3 ACKTIM PCIE SCIE BOEN SDAHT SBCDE AHEN DHEN 185 SSPMSK MSK7 MSK6 MSK5 MSK4 MSK3 MSK2 MSK1 MSK0 186 SSPSTAT SMP CKE D/A PS R/W UA BF 182 SSPMSK2 MSK27 MSK26 MSK25 MSK24 MSK23 MSK22 MSK21 MSK20 187 SSPADD2 ADD27 ADD26 ADD25 ADD24 ADD23 ADD22 ADD21 ADD20 187 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the MSSP module in I2C mode. * Page provides register information. |