| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMMP3CK3PJTM bảng dữ liệu(PDF) 216 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3CK3PJTM bảng dữ liệu(HTML) 216 Page - ITT Industries |
|
216 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 215 D Subminiature Accessories Guide Pin Plate Male 4,78 ± 0,30 (.188 ± .012) 1,57 ± 0,13 (.062 ± .005) 8,71 ± 0,38 (.343 ± .015) 4,06 ± 0,25 (.160 ± .010) 22,22 ± 0,76 (.875 ± .030) Ø 4,01 (.158) MAX 1,57 (.062) MAX Ø 4,06 (.160) REF MAX 6,35 (.250) MAX SOLDER POT EXTENSION ITT CANNON 2X Ø 3,66 ± 0,13 (.144 ± .005) A B C D G E F 2X MOUNTING HOLE #4-40 UNC-2B THD H 2X R K 2X Ø 3,66 ± 0,13 (.144 ± .005) 2X Ø 5,54 ± 0,13 (.218 ± .005) B C D F J Recommended Panel Cutout Useful in blind mate applications. Kit consists of 1 plate, 2 sems screws, 2 rivets, 2 guide pins, 2 washers Guide pin inserts for Size 8 cavities for Combo D connectors also available. See page 95. Plate and Hardware Material: Steel Plate and Hardware Finish: Yellow Chromate over Zinc or Cadmium Guide Pin Material: Stainless Steel Shell Size Layout Part Number A ±0,38 (.015) B ±0,13 (.005) C ±0.25 (.010) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) G ±0.13 (.005) H ±0.25 (.010) J ±0.38 (.015) K ±0,13 (.005) DE 9 DE111919 49,61 (1.953) 40,08 (1.578) 33,91 (1.335) 18,65 (.734) 25,40 (1.000) 19,05 (.750) 25,00 (.984) 12,29 (.484) 30,58 (1.204) 6,15 (.242) DA 16 DA22213 57,94 (2.281) 48,41 (1.906) 42,24 (1.663) 22,81 (.898) 25,40 (1.000) 19,05 (.750) 33,32 (1.312) 12,29 (.484) 38,89 (1.531) 6,15 (.242) DB 25 DB22255 71,63 (2.820) 62,13 (2.446) 55,96 (2.203) 29,67 (1.168) 25,40 (1.000) 19,05 (.750) 47,04 (1.852) 12,29 (.484) 51,99 (2.047) 6,15 (.242) DC 37 DC22070 88,09 (3.468) 78,42 (3.094) 72,42 (2.851) 37,90 (1.492) 25,40 (1.000) 19,05 (.750) 63,50 (2.500) 12,29 (.484) 68,25 (2.687) 6,15 (.242) DD 50 DD21962 85,72 (3.375) 76,20 (3.000) 69,82 (2.749) 36,50 (1.437) 28,58 (1.125) 22,20 (.874) 61,11 (2.406) 15,06 (.593) 66,93 (2.635) 7,52 (.296) Guide Pin Plate |