| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMMP3CK3PJTM bảng dữ liệu(PDF) 202 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3CK3PJTM bảng dữ liệu(HTML) 202 Page - ITT Industries |
|
202 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 201 D Subminiature Accessories EMI Shielded Backshell Locking Hardware for Snap-Together EMI Shielded Backshell Recessed Jackscrew Extended Jackscrew Thumbscrew #4-40 THREADS 13,50(.531) 4,50 (.177) Ø 4,50 (.177) 6,00 (.236) MIN 9,00 (.354) 4,30 (.169) 6,00 (.236) MIN Ø 4,10 (.161) THREADS 19,00(.748) 9,00 (.354) Part Number: 250-8501-004 Material: Brass Finish: Nickel Quantity Required per Connector: 2 Part Number: 250-8501-009 (M3) 250-8501-010 (#4-40) Material: Brass Finish: Nickel Quantity Required per Connector: 2 Part Number: 250-8501-013 Material: Brass Finish: Nickel Quantity Required per Connector: 2 Jackpost for In-Line Connections Rectangular Nut Jackpost Jackpost Assembly 3,00 (.118) MIN 5,00 (.197) #4-40 UNC-2B #4-40 UNC-2A 6,00 (.236) 4,90 (.193) 11,00 (.433) (ACROSS FLATS) Part Number: D121073-19 Material: Brass Finish: Nickel Quantity Required per Connector: 2 Assembly consists of 1 rectangular nut, 1 jackpost, 1 #4-40 lock washer. |