| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMMP3CK3PJTM bảng dữ liệu(PDF) 183 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3CK3PJTM bảng dữ liệu(HTML) 183 Page - ITT Industries |
|
183 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 182 D Subminiature Space/High Reliability D*MA Standard Density Crimp Contact Cable Connector Plug Reader’s Resource For contact cavity arrangements, see page 224. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 9 DEMA9PNM* DEMAY9PNM* DA 15 DAMA15PNM* DAMAY15PNM* DB 25 DBMA25PNM* DBMAY25PNM* DC 37 DCMA37PNM* DCMAY37PNM* DD 50 DDMA50PNM* DDMAY50PNM* Notes: *For Residual Magnetism Level of 200 gamma, add B. Example: DEMA9PNMB For shells with 50 microinches gold, add K52. Example: DEMA9PNMK52 For connectors without contacts, add F0. Example: DEMA9PNMF0 (F0 not marked on the connector) For crimp (Size 20) contacts and tooling, see pages 187 & 275 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Engaging Face 10 ° D E C B A Ø 3,05 (.120) 8,76 (.345) MAX L K F W |