| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMMP3C3PJ bảng dữ liệu(PDF) 266 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3C3PJ bảng dữ liệu(HTML) 266 Page - ITT Industries |
|
266 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 2,54 (.100) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,54 (.100) 9,40 (.370) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,80 (.110) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,27 (.483) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) REAR FLANGE REF Mounting Hole Signal Contact 2,54 (.100) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,54 (.100) 9,40 (.370) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,80 (.110) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,27 (.483) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) REAR FLANGE REF Mounting Hole Signal Contact 2,54 (.100) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,54 (.100) 9,40 (.370) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,84 (.112) 12,27 (.483) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) REAR FLANGE REF 4,14 (.163) Mounting Hole Signal Contact 5,54(.218) 5,54(.218) 9,40 (.370) PCB Hole Pattern — European 90 ° PC Tails — Receptacle D 24W7 17 #20 0 #8 D 36W4 32 #20 0 #8 D 43W2 41 #20 0 #8 D 47W1 46 #20 0 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) 265 |