công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMMF15P bảng dữ liệu(PDF) 214 Page - ITT Industries

tên linh kiện DAMMF15P
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMF15P bảng dữ liệu(HTML) 214 Page - ITT Industries

Back Button DAMMF15P Datasheet HTML 210Page - ITT Industries DAMMF15P Datasheet HTML 211Page - ITT Industries DAMMF15P Datasheet HTML 212Page - ITT Industries DAMMF15P Datasheet HTML 213Page - ITT Industries DAMMF15P Datasheet HTML 214Page - ITT Industries DAMMF15P Datasheet HTML 215Page - ITT Industries DAMMF15P Datasheet HTML 216Page - ITT Industries DAMMF15P Datasheet HTML 217Page - ITT Industries DAMMF15P Datasheet HTML 218Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
213
D Subminiature Accessories
Locking Hardware
#4-40 UNC
THREAD
0,89
± 0,13
(.035
± .005)
0,64
± 0,13
(.025
± .005)
Ø 5,59 (.220)
MAX
1,73 (.068)
MAX
Ø 5,59 (.220)
MAX
9,40 (.370)
MAX
16,26 (.640)
MAX
4,57 (.180)
MAX
CONNECTOR
ASSEMBLY
4,75 (.187) HEX
(ACROSS FLATS)
CONNECTOR
ASSEMBLY
#4-40 UNC THREAD
#4-40 UNC THREAD
PANEL 3,18 (.125)
MAX
1,14
± 0,13
(.045
± .005)
14,10
± 0,13
(.555
± .005)
5,84
± 0,13
(.230
± .005)
5,59 (.220) MIN
PERFECT THD
Kit consists of 2 studs, 2 heads, 1 tube
retaining compound
Order one kit per connector
Part Number:
D110550
Materials and Finishes
Material:
Stainless Steel
Kit consists of 2 posts, 2 hex nuts, 2 lock
washers
Order one kit per connector
Part Number:
D110551
Materials and Finishes
Material:
Stainless Steel
Treatment:
Passivated
NOTE: Jackpost is not compatible with rear-panel mount connectors.
Jackscrew/Jackpost Assemblies
Jackpost Assembly
Jackscrew Assembly
Jackpost Assembly
Jackscrew Assembly
ITT Cannon offers the largest variety of locking and
latching hardware. Refer to the accessories
selection guide on pages 198-199 for use with
ITT Cannon Connectors.
#2-56 UNC THD
HEAD,
JACKSCREW
STUD, JACKSCREW
RETAINING
COMPOUND
Ø 3,05 (.120)
FEMALE POST
#4-40 UNC-2A THD
#4-40 UNC-2B THD
Ø 3,05 (.120)
WASHER,
#4 LOCK
#4 HEX NUT
#4-40 UNC THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com