công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMM15P bảng dữ liệu(PDF) 164 Page - ITT Industries

tên linh kiện DAMM15P
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15P bảng dữ liệu(HTML) 164 Page - ITT Industries

Back Button DAMM15P Datasheet HTML 160Page - ITT Industries DAMM15P Datasheet HTML 161Page - ITT Industries DAMM15P Datasheet HTML 162Page - ITT Industries DAMM15P Datasheet HTML 163Page - ITT Industries DAMM15P Datasheet HTML 164Page - ITT Industries DAMM15P Datasheet HTML 165Page - ITT Industries DAMM15P Datasheet HTML 166Page - ITT Industries DAMM15P Datasheet HTML 167Page - ITT Industries DAMM15P Datasheet HTML 168Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
163
D Subminiature
Military/High Reliability
High Voltage Straight PCB (Sizes DE-DC)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMV5V1SN
DEMMZ5V1SN
DEMMN5V1SN
DA
7W2
DAMMV7V2SN
DAMMZ7V2SN
DAMMN7V2SN
DA
11W1
DAMMV11V1SN
DAMMZ11V1SN
DAMMN11V1SN
DA
3W3
DAMMV3V3SN
DAMMZ3V3SN
DAMMN3V3SN
DA
3WK3
DAMMV3VK3SNTM
DAMMZ3VK3SNTM
DAMMN3VK3SNTM
DB
5W5
DBMMV5V5SN
DBMMZ5V5SN
DBMMN5V5SN
DB
9W4
DBMMV9V4SN
DBMMZ9V4SN
DBMMN9V4SN
DB
13W3
DBMMV13V3SN
DBMMZ13V3SN
DBMMN13V3SN
DB
17W2
DBMMV17V2SN
DBMMZ17V2SN
DBMMN17V2SN
DB
21W1
DBMMV21V1SN
DBMMZ21V1SN
DBMMN21V1SN
DC
8W8
DCMMV8V8SN
DCMMZ8V8SN
DCMMN8V8SN
DC
13W6
DCMMV13V6SN
DCMMZ13V6SN
DCMMN13V6SN
DC
17W5
DCMMV17V5SN
DCMMZ17V5SN
DCMMN17V5SN
DC
21WA4
DCMMV21VA4SN
DCMMZ21VA4SN
DCMMN21VA4SN
DC
25W3
DCMMV25V3SN
DCMMZ25V3SN
DCMMN25V3SN
DC
27W2
DCMMV27V2SN
DCMMZ27V2SN
DCMMN27V2SN
Notes: For DD shell size, see page 165.
Keyed.
Dimensions
Receptacle
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Receptacle
Engaging Face
Hardware and high voltage contact
removed for clarity.
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 257-258.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
10
°
A
C
E
D
B
6,50
± 0,25
(.256
± .010)
7,62
± 0,25
(.300
± .010)
STANDOFF
#4-40 UNC
SCREW LOCK
#4-40 UNC
BOARDLOCK
4,52
(.178)
2,92
(.115)
Ø 0,76
(.030)
W
F
2,84
(.112)
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More