| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCM37SC bảng dữ liệu(PDF) 135 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCM37SC bảng dữ liệu(HTML) 135 Page - ITT Industries |
|
135 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 134 Part Numbers Military Part Numbers X Y X Y 0,76 (.030) 1,02 (.040) XXXXX Shell Size Layout 3,23 (.127) 4,01 (.158) 4,65 (.183) 3,23 (.127) 4,01 (.158) DE 9 DEMM9PF DEMM9PP DEMM9PR DEMM9PC DEMM9PK DA 15 DAMM15PF DAMM15PP DAMM15PR DAMM15PC DAMM15PK DB 25 DBMM25PF DBMM25PP DBMM25PR DBMM25PC DBMM25PK DC 37 DCMM37PF DCMM37PP DCMM37PR DCMM37PC DCMM37PK DD 50 DDMM50PF DDMM50PP DDMM50PR DDMM50PC DDMM50PK Commercial Part Numbers X Y X Y 0,76 (.030) 1,02 (.040) XXXXX Shell Size Layout 3,23 (.127) 4,01 (.158) 4,65 (.183) 3,23 (.127) 4,01 (.158) DE 9 DEM9PF DEM9PP DEM9PR DEM9PC DEM9PK DA 15 DAM15PF DAM15PP DAM15PR DAM15PC DAM15PK DB 25 DBM25PF DBM25PP DBM25PR DBM25PC DBM25PK DC 37 DCM37PF DCM37PP DCM37PR DCM37PC DCM37PK DD 50 DDM50PF DDM50PP DDM50PR DCM50PC DDM50PK D Subminiature Military/High Reliability 90 ° PC Tail Plug Engaging Face 2,84 (.112) 5,68 (.224) 7,18 ± 0,25 (.283 ± .010) X ± 0,69 (.027) L K DD Configuration Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) D E A B C Ø 3,05 (.120) Ø Y 10 ° 2,84 (.112) F W X ± 0,69 (.027) 7,18 ± 0,25 (.283 ± .010) |