| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM25SC bảng dữ liệu(PDF) 263 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SC bảng dữ liệu(HTML) 263 Page - ITT Industries |
|
263 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — European 90 ° PC Tails — Plug 5,54(.218) 5,54(.218) 9,40 (.370) 2,54 (.100) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,54 (.100) 9,40 (.370) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,84 (.112) 12,27 (.483) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) REAR FLANGE REF 4,14 (.163) Mounting Hole Signal Contact 2,54 (.100) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,54 (.100) 9,40 (.370) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,80 (.110) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,27 (.483) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) REAR FLANGE REF Mounting Hole Signal Contact 2,54 (.100) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,54 (.100) 9,40 (.370) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,80 (.110) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,27 (.483) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) REAR FLANGE REF Mounting Hole Signal Contact D 24W7 17 #20 0 #8 D 36W4 32 #20 0 #8 D 43W2 41 #20 0 #8 D 47W1 46 #20 0 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) 262 |