| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM25SC bảng dữ liệu(PDF) 179 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SC bảng dữ liệu(HTML) 179 Page - ITT Industries |
|
179 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 178 D Subminiature Space/High Reliability 90 ° Solder Termination (Machined) with Metal Bracket — European Footprint 10,2 or 9,4 mm Plug Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 273. For panel cutouts, see page 221. For hardware views (European), see page 227. Engaging Face DD Configuration Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0.38 (.015) F ±0.25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) N ±0,15 (.006) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 10,7 (.42) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 10,7 (.42) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 10,7 (.42) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 10,7 (.42) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 12,1 (.48) Connector footprint measured from the front shell. Connector footprint measured from the rear shell. C B 10 ° A D Ø 0,60 (.024) E 1,00 (.039) L 5,08 (.200) 2,54 (.100) 9,40 (.370) 3,70 (.146) 2,54 (.100) 9,40 (.370) W F 3,70 (.146) Part Numbers Shell Size Layout Metal Bracket Threaded Insert #4-40 Metal Bracket Threaded Insert M3 DE 9 DEM9PNM*1A7N DEM9PNM*1A9N DA 15 DAM15PNM*1A7N DAM15PNM*1A9N DB 25 DBM25PNM*1A7N DBM25PNM*1A9N DC 37 DCM37PNM*1A7N DCM37PNM*1A9N DD 50 DDM50PNM*1A7N DDM50PNM*1A9N Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PNMB1A7N For shells with 50 microinches gold, add K52. Example: DEM9PNM1A7NK52 |