| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM9SC bảng dữ liệu(PDF) 269 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SC bảng dữ liệu(HTML) 269 Page - ITT Industries |
|
269 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 5,54(.218) 5,54(.218) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 2,84 (.112) Mounting Hole Signal Contact 61,12 (2.406) 2,84 (.112) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 2,84 (.112) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 4,14 (.163) Mounting Hole Signal Contact 2,84 (.112) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 2,80 (.110) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,84 (.112) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 2,80 (.110) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact PCB Hole Pattern — Standard/European Straight PC Tails — Plug D 24W7 17 #20 0 #8 D 36W4 32 #20 0 #8 D 43W2 41 #20 0 #8 D 47W1 46 #20 0 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) 268 |