| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM9SC bảng dữ liệu(PDF) 249 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SC bảng dữ liệu(HTML) 249 Page - ITT Industries |
|
249 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — Standard High Power 90 ° — Receptacle 63,50 (2.500) Mounting Hole REAR FLANGE REF 8,64 (.340) High Power Contact 20,57 (.810) 3,81 (.150) 10,16 (.400) 22,86 (.900) 15,24 (.600) 16,51(.650) 8,89 (.350) 2,54 (.100) 22,86 (.900) 23,47 (.924) 22,10 (.870) 19,33 (.761) 16,56 (.652) 4,37 (.172) 11,10 (.437) 17,96 (.707) 20.70 (.815) Mounting Hole Signal Contact 24,84 (.978) 2,84 (.112) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 63,50 (2.500) 22,56 (.888) 15,82 (.623) 9,09 (.358) 2,36 (.093) High Power Contact 11,53 (.454) 20,57 (.810) 5,54(.218) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) Signal Contact 2,80 (.110) 63,50 (2.500) 2,84 (.112) 22,68 (.893) 22,68 (.893) 11,53 (.454) Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 20,57 (.810) High Power Contact 15,70 (.618) 15,70 (.618) 8,71 (.343) 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) Signal Contact 2,80 (.110) 63,50 (2.500) 2,84 (.112) 22,68 (.893) 22,68 (.893) 11,53 (.454) Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 20,57 (.810) High Power Contact 15,70 (.618) 15,70 (.618) 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Signal Contact 2,80 (.110) 63,50 (2.500) 2,84 (.112) 22,68 (.893) 22,68 (.893) 11,53(.454) Mounting Hole REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 20,57 (.810) High Power Contact 15,70 (.618) 17,96 (.707) C 8W8 0 #20 8 #8 C 13W6 7 #20 6 #8 C 17W5 12 #20 5 #8 C 21WA4 17 #20 4 #8 C 25W3 22 #20 3 #8 C 27W2 25 #20 2 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X High Power (H) 3,56 (.140) 248 |