| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM25SF bảng dữ liệu(PDF) 212 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SF bảng dữ liệu(HTML) 212 Page - ITT Industries |
|
212 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 211 D Subminiature Accessories Locking Hardware Slide Lock Post Assemblies Kit consists of 1 post, 2 washers, 1 lock washer, 1 hex nut Order 2 kits per connector Ø 5,54(.218) 1,52 (.060) MAX 1,85(.073) MAX 3,02(.119) MAX 4,78 ± 0,08 (.118 ± .003) 4,37 ± 0,13 (.172 ± .005) 2,44 ± 0,08 (.096 ± .003) 3,63 ± 0,08 (.143 ± .003) Ø Ø Ø Ø Slide Lock Post for High Volume Applications Order 2 per connector Tool required for installation. See this page. Materials and Finishes Material: Stainless Steel Treatment: Passivated NOTE: Not suitable for rear panel mounting Tool for High Volume Applications Part Number: D53018 Materials and Finishes Material: Steel Finish: Yellow Chromate over Cadmium or Zinc NOTE: When rear-mounting connector to a 1/16 panel, delete the 2 washers. Part Number: 980-2000-860 Panel Thickness: 1,09-0,91 (.043-.036) Part Number: 995-2000-092 (ACROSS FLATS) 10,57 ± 0,25 (.416 ± .010) 4,60 (.180) HEX #4-40 NUT, HEX WASHER, LOCK WASHER POST 2,59 ± 0,13 (.102 ± .005) |