| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM9SF bảng dữ liệu(PDF) 173 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SF bảng dữ liệu(HTML) 173 Page - ITT Industries |
|
173 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 172 D Subminiature Space/High Reliability Straight PC Tail Plug Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 275. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 9 DEM9POL3NM* DEMY9POL3NM* DA 15 DAM15POL3NM* DAMY15POL3NM* DB 25 DBM25POL3NM* DBMY25POL3NM* DC 37 DCM37POL3NM* DCMY37POL3NM* DD 50 DDM50POL3NM* DDMY50POL3NM* Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9POL3NMB For shells with 50 microinches gold, add K52. Example: DEM9POL3NMK52 For alternate PC tail modifiers (see tabulation), replace OL3 with M or Z. Example: DEM9PZNM Dimensions ABC DE F W W K K L Shell Size ±0,38 (.015) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,38 (.015) ±0,25 (.010) ±0,368 (.0145) ±0,41 (.016) ±0,317 (.0125) ±0,25 (.010) ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (0.39) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Engaging Face DD Configuration A B C 10 ° E D Ø 3,05 (.120) X Ø Y 2,84 (.112) 5,69 (.224) L K PC Tail Modifiers X W Y M 4,01 ± 0,69 (.158 ± .027) 0,76 ± 0,08 (.030 ± .003) Z 4,65 ± 0,69 (.183 ± .027) 0,76 ± 0,08 (.030 ± .003) OL3 4,20 ± 1,10 (.185 ± .043) 0,60 ± 0,08 (.023 ± .003) |