công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCMM37SC bảng dữ liệu(PDF) 190 Page - ITT Industries

tên linh kiện DCMM37SC
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMM37SC bảng dữ liệu(HTML) 190 Page - ITT Industries

Back Button DCMM37SC Datasheet HTML 186Page - ITT Industries DCMM37SC Datasheet HTML 187Page - ITT Industries DCMM37SC Datasheet HTML 188Page - ITT Industries DCMM37SC Datasheet HTML 189Page - ITT Industries DCMM37SC Datasheet HTML 190Page - ITT Industries DCMM37SC Datasheet HTML 191Page - ITT Industries DCMM37SC Datasheet HTML 192Page - ITT Industries DCMM37SC Datasheet HTML 193Page - ITT Industries DCMM37SC Datasheet HTML 194Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
189
D Subminiature
Space/High Reliability
Solder Cup
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 223.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
DE
5W1
DEM5W1SNM*
DEMY5W1SNM*
DA
7W2
DAM7W2SNM*
DAMY7W2SNM*
DA
11W1
DAM11W1SNM*
DAMY11W1SNM*
DA
3W3
DAM3W3SNM*
DAMY3W3SNM*
DA
3WK3
DAM3WK3SNM*
DAMY3WK3SNM*
DB
5W5
DBM5W5SNM*
DBMY5W5SNM*
DB
9W4
DBM9W4SNM*
DBMY9W4SNM*
DB
13W3
DBM13W3SNM*
DBMY13W3SNM*
DB
17W2
DBM17W2SNM*
DBMY17W2SNM*
DB
21W1
DBM21W1SNM*
DBMY21W1SNM*
DC
8W8
DCM8W8SNM*
DCMY8W8SNM*
DC
13W6
DCM13W6SNM*
DCMY13W6SNM*
DC
17W5
DCM17W5SNM*
DCMY17W5SNM*
DC
21WA4
DCM21WA4SNM*
DCMY21WA4SNM*
DC
25W3
DCM25W3SNM*
DCMY25W3SNM*
DC
27W2
DCM27W2SNM*
DCMY27W2SNM*
DD
24W7
DDM24W7SNM*
DDMY24W7SNM*
DD
36W4
DDM36W4SNM*
DDMY36W4SNM*
DD
43W2
DDM43W2SNM*
DDMY43W2SNM*
DD
47W1
DDM47W1SNM*
DDMY47W1SNM*
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM5W1SNMB
For shells with 50 microinches gold, add K52. Example: DEM5W1SNMK52
Keyed
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.123)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
DD Configuration
A
C
B
E
D
Ø 3,05
(.120)
10
°
9,91 (.390)
MAX
K
L
5,69
(.224)
2,84
(.112)
2,84 (.112)
F
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More