| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25SC bảng dữ liệu(PDF) 177 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25SC bảng dữ liệu(HTML) 177 Page - ITT Industries |
|
177 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 176 D Subminiature Space/High Reliability 90 ° Solder Contact PCB Connector — European Footprint Plug Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 273. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 9 DEM9PNM*1AON DEMY9PNM*1AON DA 15 DAM15PNM*1AON DAMY15PNM*1AON DB 25 DBM25PNM*1AON DBMY25PNM*1AON DC 37 DCM37PNM*1AON DCMY37PNM*1AON DD 50 DDM50PNM*1AON DDMY50PNM*1AON Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PNMB1AON For shells with 50 microinches gold, add K52. DEM9PNM1AONK52 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD Configuration Engaging Face 10 ° A C E D B Ø 0,60 (.024) Ø 3,05 (.120) 2,54 (.100) 9,40 ± 0,20 (.370 ± .008) K L 5,08 (.200) 5,00 (.197) 2,54 (.100) 9,40 ± 0,20 (.370 ± .008) W F 5,00 (.197) |