| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25SC bảng dữ liệu(PDF) 169 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25SC bảng dữ liệu(HTML) 169 Page - ITT Industries |
|
169 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 168 D Subminiature Space/High Reliability Selection Index Page Space/High Reliability An Introduction ....................................................... 169 Standard Layout Connectors Straight PC Tail ..................................................... 172 90 ° PC Tail with Plastic Bracket ......................................... 174 Solder Cup ......................................................... 180 D*MA Crimp Contact Cable Connectors Standard Density .................................................... 182 High Density........................................................ 184 Contact Cavity Arrangements — High Density ............................... 186 Crimp Contacts and Tooling ............................................. 187 Combo D Layout Solder Cup Connector ................................... 188 Cable (Size 8) Loose Contacts Coaxial 50 Ohm — Straight Crimp or Solder Braid ........................... 190 High Power — Solder or Crimp and Tooling ................................ 191 Accessories Metal Backshells .................................................... 192 Screw Lock Assemblies ............................................... 194 NASA/GSFC Cross Reference ............................................ 195 ESA-SCC Cross Reference .............................................. 196 |