| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9SC bảng dữ liệu(PDF) 239 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9SC bảng dữ liệu(HTML) 239 Page - ITT Industries |
|
239 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — Standard/European Coaxial Straight — Plug E 5W1 4 #20 1#8 A 3W3 0 #20 3 #8 A 7W2 5 #20 2 #8 A 11W1 10 #20 1#8 B 5W5 0 #20 5 #8 B 9W4 5 #20 4 #8 B 13W3 10 #20 3 #8 B 17W2 15 #20 2 #8 B 21W1 20 #20 1#8 5,49 (.216) 5,49 (.216) 8,23 (.324) Mounting Hole Signal Contact 25,00 (.984) 2,84 (.112) Coax Contact 2,54 (.100) 2,54 (.100) 6,86 (.270) 6,86 (.270) Mounting Hole 2,54 (.100) 2,54 (.100) Coax Contact 33,32(1.312) 5,49 (.216) 33,32 (1.312) Mounting Hole Signal Contact 2,74 (.108) 2,84 (.112) 2,54 (.100) 2,54 (.100) Coax Contact 6,86 (.270) 6,86 (.270) 5,49 (.216) 5,49 (.216) 33,32 (1.312) 8,23 (.324) 8,23 (.324) 8,23 (.324) 6,86 (.270) 9,60 (.378) 6,86 (.270) 9,60 (.378) Mounting Hole Signal Contact 2,84 (.112) 2,54 (.100) 2,54 (.100) 2,54 (.100) Coax Contact 14,48 (.570) Mounting Hole 2,54 (.100) 2,54 (.100) Coax Contact 14,48 (.570) 7,67 (.302) 5,94 (.234) 0,86 (.034) 47,04 (1.852) 5,54(.218) 7,77 (.306) 14,48 (.570) 8,28 (.326) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,84 (.112) 2,54 (.100) 2,54 (.100) Coax Contact 4,14 (.163) 14,48 (.570) 47,04 (1.852) 5,54(.218) 7,77 (.306) 14,48 (.570) 8,28 (.326) 5,54(.218) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,84 (.112) 2,54 (.100) 2,54 (.100) Coax Contact 4,14 (.163) 14,48 (.570) 47,04 (1.852) 5,54(.218) 5,54(.218) 13,82 (.544) 8,28 (.326) 13,82 (.544) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,84 (.112) 2,54 (.100) 2,54 (.100) Coax Contact 47,04(1.852) 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,84 (.112) 2,54 (.100) 2,54 (.100) Coax Contact 47,01(1.852) Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X Coaxial (C or X) 1,14 (.045) 238 |