công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DBMM25SF bảng dữ liệu(PDF) 171 Page - ITT Industries

tên linh kiện DBMM25SF
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SF bảng dữ liệu(HTML) 171 Page - ITT Industries

Back Button DBMM25SF Datasheet HTML 167Page - ITT Industries DBMM25SF Datasheet HTML 168Page - ITT Industries DBMM25SF Datasheet HTML 169Page - ITT Industries DBMM25SF Datasheet HTML 170Page - ITT Industries DBMM25SF Datasheet HTML 171Page - ITT Industries DBMM25SF Datasheet HTML 172Page - ITT Industries DBMM25SF Datasheet HTML 173Page - ITT Industries DBMM25SF Datasheet HTML 174Page - ITT Industries DBMM25SF Datasheet HTML 175Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
170
Dielectric Withstanding Voltage
Altitude (meter/feet)
Sea Level
Sea Level
6 096/20 000
6 096/20 000
15 240/50 000
15 240/50 000
21 336/70 000
21 336/70 000
Average Flashover
1500/1700
1500/1700
1000/1000
1000/1000
500/650
500/650
500/500
500/500
Test
1000/1250
1000/1250
650/750
650/750
325/475
325/475
325/375
325/375
Type of Contact
90
°
Straight
90
°
Straight
90
°
Straight
90
°
Straight
Center Conductor
to Coaxial Shell
Average
Flashover Test
1200
1500
900
1000
600
700
400
500
800
1000
600
550
400
475
275
325
Coaxial Shell to Nearest
Solder Cup Contact
Average
Flashover Test
—
1500
—
1500
—
900
—
650
—
1000
—
1000
—
800
—
425
High Power Contact and/or
Coaxial Shell to Plug Shell
Average
Flashover Test
1500
1500
1000
1000
500
500
500
500
1000
1000
650
650
325
325
325
325
Size 20 Signal Contact
Average
Flashover Test
1200
1200
1000
1000
650
650
500
500
1250
1250
750
750
475
475
375
375
All voltage figures are rms AC 60 rms cps. Measured at approximately
+25°C, 50% rh. For additional performance specifications refer to MIL-C-24308.
Residual Magnetism Level
Residual Magnetism
Suffix Code
20 000 Gamma
NM
200 Gamma
NMB
Note: NMC is available by special request. Consult factory for details.
D Subminiature
Space/High Reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com